Part Number Hot Search : 
S2S3LA0F EPB5083 OWS1212 MBR7HXX AEP378SI TIP32A MBL8749 K3591
Product Description
Full Text Search
 

To Download AV-G12864D1-A201 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 www..com
C-7 :(086)0755-26919178
Http://www.av-display.com.cn
: (086)0755 -26911092
Http://www.av-display.com.cn
SHENZHEN AV-DISPLAY CO.,LTD Address: North East C-7 Building, Wenchang Street Eastern District, OCT, ShenZhen, China TEL: (086)0755-26919178 FAX: (086)0755-26911092
SPECIFICATION FOR LCM MODULE
MODULE NO.: AV-G12864D1-A201 DOC.REVISION 01
Customer Approval:
SIGNATURE PREPARED BY (RD ENGINEER) PREPARED BY (QA ENGINEER) CHECKED BY APPROVED BY
DATE Mar-01-2005
DataSheet 4 U .com
www..com
DOCUMENT REVISION HISTORY
Version 00 01 DATE Apr-1-2004 Mar-1-2005 DESCRIPTION First issue Modify format CHANGED BY
DataSheet 4 U .com
www..com
CONTENTS
1. Functions & Features 2. Mechanical specifications 3. Block diagram 4. Dimensional Outline 5. Pin description 6. Maximum absolute limit 7. Electrical characteristics 8. Timing Characteristics 9. Reset Timing 10. Control and display command 11. Backlight drawing & specification 12. Electro-Optical characteristics 13. Quality Specifications 2 2 2 3 4 4 5 6 6 7 7 8 8-17
DataSheet 4 U .com
www..com
1. FUNCTIONS & FEATURES
1.1. Format 1.2. LCD mode 1.3. Viewing direction 1.4. Driving scheme 1.5. Power operation 1.6. VLCD adjustable for best contrast 1.7. Operation temp 1.8. Storage temp 1.9. Backlight color : 128x64dots : STN / Positive transflective Mode / Yellow-green : 6 o'clock : 1/64 Duty cycle, 1/9 Bias : Power supply voltage range (VDD): 5.0V : LCD driving voltage: 9.2V : -20~70 : -30~80 : Yellow-green
2. MECHANICAL SPECIFICATIONS
2.1. Module size 2.2. Viewing area 2.3. Dot pitch 2.4. Dot size 2.5. Weight : 75mm(L)*52.8mm(W)*9.0mm(H) : 60.0mm(L)*32.6mm(W) : 0.43mm(L)*0.43mm(W) : 0.40mm(L)*0.40mm(W)
3. BLOCK DIAGRAM
: Approx.
V SS VDD Vo
POWER C I RC U I T
LCD Panel 128x64
VD D ( + 5 . 0 V)
LCD M O DU LE
VE E Vo VR ( 0 ~ 2 0 K ) VS S ( 0 V) L E D A ( + 5 . 0 V) L E D K ( 0 V)
RS,R/W E ,RST /C S1 , /C S2 D B 0 -D B 7
Figure 1. Block diagram
2
DataSheet 4 U .com
DataSheet 4 U .com
www..com
4. DIMENSIONAL OUTLINE
$
K
$
Figure 2. Dimensional outline
%
A
20
%
&
Pin No 1 2 3 4 -11 12 13 14 15 16 17 18 19 20 S y m b ol VDD VSS V LC D D B 0 -D B 7 /C S 1 /C S 2 RST R /W RS E V EE LED A LED K Le v e l I I H /L L L I H /L H /L I I I D esc Pow e r s u p p l y f or Log ic ( + 5 S ig na l g r ou nd S u p p l y v ol t a g e f or LC D D a t a B u s l ine C h ip S e l e c t S ig na l f or R ig h t C h ip S e l e c t S ig na l f or Le f t H R e s e t s ig na l R e a d / w r it e s e l e c t ion ( H : R e R e g is t e r s e l e c t ion ( H : D a t a Ena b l e s ig na l f or c h ip Ne g t iv e V ol t a g e O u t p u t Pow e r s u p p l y f or B A C K LIG H Pow e r s u p p l y f or B A C K LIG H r ip t ion V) H a l f of t h e S c r e e n a l f of t h e S c r e e n a d , L: W r it e ) r e g is t or , L: Ins t r u c t ion r e g is t or ) T (+ 5 V ) T (0 V )
&
1. LCD CO NTRO LLER: KS0108B 2 . LCM LO I C V O G E: 5 . 0V G LTA 3 . LCD O ERA TI NG V O G E: 9 . 2 V P LTA 4 . LCM OP ERTI NG TEM P : - 2 0~ 7 0 C 5 . LCM STO G E TEM P : - 3 0~ 80 C RA 6 . LCM V I EW A NG LE: 6 CLOCK : 0. 2
-
'
3
H /H
L
AV- G12864D1- A201 J G_ G12864D1- A201 2004/ 2/ 6 2004/ 2/ 6 2004/ 2/ 6
)
V1. 0 1/ 1
no mm
'

www..com
5. PIN DESCRIPTION
No. 1 2 3 4-11 12 13 14 15 Symbol VDD VSS VLCD D0--D7 /CS1 /CS2 RST R/W Power supply for logic(+5v) Power supply for logic (GND) Power supply for LCD 8 bit Data-bus Chip select for half-right screen Chip select for half-left screen
Function
Reset Signal, low level of RET is for reset Read/Write R/W=high Data of DB0~DB7 can be read by CPU. R/W=low Data of DB0~DB7 can be written into LCD driver IC at the falling edge of E when CS1 and CS2 is high. Data/Instruction RS=high Indicates that data of DB0~DB7 is display data. RS=low Indicates that data of DB0~DB7 is instruction Enable When write(R/W=low) Data of DB0~DB7 is latched at the fall of E When read(R/W=high) Data is read while E is at high level. Output of supply negative voltage by the DC-DC converter on the modul Power supply for backlight(+5.0V) Power supply for backlight(0V)
16
RS
17
E
18 19 20
VEE LEDA LEDK
6. MAXIMUM ABSOUTE LIMIT
Maximum Ratings (Voltage Reference to VSS)
4
DataSheet 4 U .com
www..com
7. ELECTRICAL CHARACTERISTICS
5
DataSheet 4 U .com
www..com
8. TIMING CHARACTERISTICS
9. Reset Timing
This block includes Power On Reset circuitry and the hardware reset pin, RES#. Both of these have the same reset function. Once RES# receives a negative reset pulse, all internal circuitry will start to initialize. Minimum pulse width for completing the reset sequence is 1us.
6
DataSheet 4 U .com
www..com
10. CONTROL AND DISPLAY INSTRUCTION
11. BACK LIGHT CHARACTERISTICS
LCD Module with Bottom LED Backlight ELECTRICAL RATINGS
Item Forward Voltage Reverse Current Luminous Intensity (With LCD dots off) Wave length Color Symbol Condition Min Typ
Ta = 25C ------4.2 --40 4.35 0.1 ----Max
VF IR IV
IF=150mA VR=10V IF=150mA IF=150mA
V mA Cd/m2 nm
Unit
--572 Yellow-green
7
DataSheet 4 U .com
www..com
( VOP = 9.2V, Ta = 25C ) Item Operating Voltage Response time Contrast Viewing angle range
12. ELECTRO-OPTICAL CHARACTERISTICS
Symbo l Vop Tr Tf Cr Condition Ta = -20C Ta = 25C Ta = 70C Ta = 25C Ta = 25C Cr 2 Min 9.5 9.0 8.5 -------40 -40 Typ 9.7 9.2 8.7 185 200 4 ----Max 10.0 9.4 9.0 ------+40 +40 Unit V ms ms --deg deg
I
13.QUALITY SPECIFICATIONS
13.1 Standard of the product appearance test
Manner of appearance test: The inspection should be performed in using 20W x 2 fluorescent lamps. Distance between LCM and fluorescent lamps should be 100 cm or more. Distance between LCM and inspector eyes should be 30 cm or more. Viewing direction for inspection is 45 from vertical against LCM.
8
DataSheet 4 U .com
www..com
Fluorescent Lamps 30cm
o 45 o 45 min
100cm min
LCD LCM
Definition of zone:
A Zone B Zone
A Zone: Active display area (minimum viewing area). B Zone: Non-active display area (outside viewing area).
13.2 Specification of quality assurance
AQL inspection standard Sampling method: MIL-STD-105E, Level II, single sampling
Defect classification (Note: * is not including)
Classify Major Display state Item Short or open circuit LC leakage Flickering No display Wrong viewing direction Note 1 AQL 0.65
9
DataSheet 4 U .com
www..com
Contrast defect (dim, ghost) Back-light Non-display Flat cable or pin reverse Wrong or missing component Minor Display state Background color deviation Black spot and dust Line defect, Scratch Rainbow Chip Pin hole Protruded Polarizer Soldering Wire TAB Bubble and foreign material Poor connection Poor connection Position, Bonding strength
2 1,8 10 11 2 3 4 5 6 7 12 3 9 10 13 1.0
10
DataSheet 4 U .com
www..com
Note on defect classification
No. 1 Item Short or open circuit LC leakage Flickering No display Wrong viewing direction Wrong Back-light 2 Contrast defect Background color deviation 3 Point defect, Black spot, dust (including Polarizer) = (X+Y)/2 Refer to approval sample Criterion Not allow
Y X
Point
Size <0.10 0.10< 0.20 0.20< 0.25< 0.25 0.30
Acceptable Qty.
Disregard 3 2 1 0
>0.30
Unit 4 Line defect, Scratch
mm
W L
Line
L W --0.015 W 3.0 L 0.03 W 2.0 L 0.05 W 1.0 L 0.1 W
--0.05Acceptable Qty.
Disregard 2 1
Applied as point defect
Unit: mm 5 Rainbow Not more than two color changes across the viewing area.
11
DataSheet 4 U .com
www..com
No 6 Chip
Item
Criterion Acceptable criterion X Y t
2
0.5mm
X
Remark: X: Length direction Y: Short direction Z: Thickness direction t: Glass thickness W: Terminal Width
Y
Z
W/
Z
2
X
Y
Acceptable criterion X Y
2
0.5mm
Z
W
Z
Z
Acceptable criterion X Y Y X
3 2 shall not reach to ITO
W
W
Y
Acceptable criterion X Y Z
Disregard 0.2
Z
W
Z
t/3
X
Y
Acceptable criterion X Y
X Z
12
DataSheet 4 U .com
www..com
No. 7
Item Segment pattern W = Segment width = (X+Y)/2 (1) Pin hole
Criterion
< 0.10mm is acceptable. X
X
Point Size
Y
Y W
W W
W<
Acceptable Qty
Disregard 1 0
W
Unit: mm
8 9
Back-light Soldering
(1) The color of backlight should correspond its specification. (2) Not allow flickering (1) Not allow heavy dirty and solder ball on PCB. (The size of dirty refer to point and dust defect) (2) Over 50% of lead should be soldered on Land.
Lead Land
50% lead
10 Wire (1) Copper wire should not be rusted (2) Not allow crack on copper wire connection. (3) Not allow reversing the position of the flat cable. 11* PCB (4) Not allow exposed copper wire inside the flat cable. (1) Not allow screw rust or damage. (2) Not allow missing or wrong putting of component.
13
DataSheet 4 U .com
www..com
No 12
Item Protruded W: Terminal Width
W
Criterion
Acceptable criteria:
Y
Y 0.4
X 13 TAB 1. Position
W H H1 TAB W1 ITO W1 1/3W H1 1/3H
2 TAB bonding strength test F
TAB
P (=F/TAB bonding width) 5pcs per SOA (shipment)
650gf/cm ,(speed rate: 1mm/min)
14
Total no. of acceptable Defect
A. Zone Maximum 2 minor non-conformities per one unit. Defect distance: each point to be separated over 10mm B. Zone It is acceptable when it is no trouble for quality and assembly in customer's end product.
14
DataSheet 4 U .com
www..com
13.3 Reliability of LCM
Reliability test condition: Item High temp. Storage High temp. Operating Low temp. Storage Low temp. Operating Humidity Temp. Cycle Condition 80C 70C -30C -20C 40C/ 90%RH 0C 25C 50C (30 min 5 min 30min) Time (hrs) 48 48 48 48 48 10cycles No abnormalities in functions and appearance Assessment
Recovery time should be 24 hours minimum. Moreover, functions, performance and appearance shall be free from remarkable deterioration within 50,000 hours under ordinary operating and storage conditions room temperature (20+8C), normal humidity (below 65% RH), and in the area not exposed to direct sun light.
13.4 Precaution for using LCD/LCM
LCD/LCM is assembled and adjusted with a high degree of precision. Do not attempt to make any alteration or modification. The followings should be noted. General Precautions: 1. LCD panel is made of glass. Avoid excessive mechanical shock or applying strong pressure onto the surface of display area. 2. The polarizer used on the display surface is easily scratched and damaged. Extreme care should be taken when handling. To clean dust or dirt off the display surface, wipe gently with cotton, or other soft material soaked with isoproply alcohol, ethyl alcohol or trichlorotriflorothane, do not use water, ketone or aromatics and never scrub hard. 3. Do not tamper in any way with the tabs on the metal frame. 4. Do not made any modification on the PCB without consulting AV. 5. When mounting a LCM, make sure that the PCB is not under any stress such as bending or twisting. Elastomer contacts are very delicate and missing pixels could result from slight dislocation of any of the elements.
15
DataSheet 4 U .com
www..com
6. Avoid pressing on the metal bezel, otherwise the elastomer connector could be deformed and lose contact, resulting in missing pixels and also cause rainbow on the display. 7. Be careful not to touch or swallow liquid crystal that might leak from a damaged cell. Any liquid crystal adheres to skin or clothes, wash it off immediately with soap and water. Static Electricity Precautions: 1. CMOS-LSI is used for the module circuit; therefore operators should be grounded whenever he/she comes into contact with the module. 2. Do not touch any of the conductive parts such as the LSI pads; the copper leads on the PCB and the interface terminals with any parts of the human body. 3. Do not touch the connection terminals of the display with bare hand; it will cause disconnection or defective insulation of terminals. 4. The modules should be kept in anti-static bags or other containers resistant to static for storage. 5. Only properly grounded soldering irons should be used. 6. If an electric screwdriver is used, it should be grounded and shielded to prevent sparks. 7. The normal static prevention measures should be observed for work clothes and working benches. 8. Since dry air is inductive to static, a relative humidity of 50-60% is recommended. Soldering Precautions: 1. 2. 3. 4. 5. 6. 7. Soldering should be performed only on the I/O terminals. Use soldering irons with proper grounding and no leakage. Soldering temperature: 280C+10C Soldering time: 3 to 4 second. Use eutectic solder with resin flux filling. If flux is used, the LCD surface should be protected to avoid spattering flux. Flux residue should be removed.
Operation Precautions: 1. The viewing angle can be adjusted by varying the LCD driving voltage Vo. 2. Since applied DC voltage causes electro-chemical reactions, which deteriorate the display, the applied pulse waveform should be a symmetric waveform such that no DC component remains. Be sure to use the specified operating voltage. 3. Driving voltage should be kept within specified range; excess voltage will shorten display life. 4. Response time increases with decrease in temperature. 5. Display color may be affected at temperatures above its operational range. 6. Keep the temperature within the specified range usage and storage. Excessive temperature and humidity could cause polarization degradation, polarizer peel-off or generate bubbles. 7. For long-term storage over 40C is required, the relative humidity should be kept below 60%, and avoid direct sunlight.
16
DataSheet 4 U .com
www..com
Limited Warranty AV LCDs and modules are not consumer products, but may be incorporated by AV's customers into consumer products or components thereof, AV does not warrant that its LCDs and components are fit for any such particular purpose. 1. The liability of AV is limited to repair or replacement on the terms set forth below. AV will not be responsible for any subsequent or consequential events or injury or damage to any personnel or user including third party personnel and/or user. Unless otherwise agreed in writing between AV and the customer, AV will only replace or repair any of its LCD which is found defective electrically or visually when inspected in accordance with AV general LCD inspection standard . (Copies available on request) 2. No warranty can be granted if any of the precautions state in handling liquid crystal display above has been disregarded. Broken glass, scratches on polarizer mechanical damages as well as defects that are caused accelerated environment tests are excluded from warranty. 3. In returning the LCD/LCM, they must be properly packaged; there should be detailed description of the failures or defect.
17
DataSheet 4 U .com


▲Up To Search▲   

 
Price & Availability of AV-G12864D1-A201

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X